Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 48 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 48 Page - Microchip Technology

Back Button BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology BM83 Datasheet HTML 47Page - Microchip Technology BM83 Datasheet HTML 48Page - Microchip Technology BM83 Datasheet HTML 49Page - Microchip Technology BM83 Datasheet HTML 50Page - Microchip Technology BM83 Datasheet HTML 51Page - Microchip Technology BM83 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
Figure 6-11. Timing Sequence of Power Off State
BAT_IN +4V
PWR (MFB)
MCU sends RST_N
BK_OUT
LDO31_VO
UART Bus
2s
1s
BM83 sends power Off ACK
Timing sequence of power Off state:
• For a byte write: 0.01 ms x 32 clock x 2 = 640 μs.
• It is recommended to have ramp-down time more than 640 μs during the power Off sequence to ensure safe
operation of the device.
Figure 6-12. Timing Sequence of Power On (NACK)
BAT_IN
SYS_PWR
1 ms
idle
Power On
MCU state
PWR (MFB)
BK_OUT/LDO31_VO
400 ms
RST_N
MCU sends UART command
NACK
Power On ACK
ACK
BM83 response UART state
Set “Power On Directly” boot
10 ms
20 ms
Retry, if ACK is not received
200 ms
any
Wait
Maximum: 5 times (1s)
Power On/
Initial
UART
Command
BM83
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com