Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 45 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 45 Page - Microchip Technology

Back Button BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology BM83 Datasheet HTML 43Page - Microchip Technology BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology BM83 Datasheet HTML 47Page - Microchip Technology BM83 Datasheet HTML 48Page - Microchip Technology BM83 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Notes: 
1.
This table reflects the default IO assignment for the turn-key solution. The GPIOs are user configurable.
2.
GPIO P3_4 is used to enter Test mode during reset. If the user wants to use this pin to control external
peripherals, care must be taken to ensure this pin is not pulled LOW and accidentally enters Test mode.
3.
Microchip recommends to reserve UART port (P8_5 and P8_6) for Flash download in Test mode during
production.
4.
Currently, GPIOs ports P8_5 and P8_6 APIs (button detect driver) are not implemented.
6.5
I2S Interface
The BM83 module provides an I2S digital audio input, output or input/output interface to connect with the external
codec or DSP. It provides 8, 16, 44.1, 48, 88.2, and 96 kHz sampling rates for 16-bit and 24-bit data formats. The
following are the BM83 module interface signals:
• MCLK1 – Master Clock (BM83 output)
• SCLK1– Serial/Bit Clock (BM83 input/output)
• DR1 – Receive Data (BM83 input)
• RFS1 – Receive Frame Sync (BM83 input/output)
• DT1 – Transmit Data (BM83 output)
Note:  The I2S parameters can be configured by using the Config Tool.
I2S supports the following modes:
• Master mode
– The BM83 serves as a master to provide clock and frame synchronous signals for the master/slave data
synchronizations, as illustrated in the following figures. The MCLK is optional and is not required if the
external I2S device can drive its system clock on its own.
Figure 6-6. BM83 Module in I2S Master Mode
External DSP/
Codec
BCLK
DACLRC
ADCDAT
DACDAT
SCLK1
RFS1
DR1
DT1
BM83
MCLK
MCLK1
• Slave mode
– The BM83 serves as a slave to receive clock and frame synchronous signals from the external codec or
DSP devices, as illustrated in the following figure.
BM83
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com