Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 1 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 1 Page - Microchip Technology

  BM83 Datasheet HTML 1Page - Microchip Technology BM83 Datasheet HTML 2Page - Microchip Technology BM83 Datasheet HTML 3Page - Microchip Technology BM83 Datasheet HTML 4Page - Microchip Technology BM83 Datasheet HTML 5Page - Microchip Technology BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
BM83
BM83 Bluetooth® Stereo Audio Module Data Sheet
Introduction
The BM83, based on Microchip’s dual-mode IS2083 system-on-chip (SoC) device, is an RF-certified, fully integrated
module with high-performing voice and audio post-processing capability for Bluetooth audio applications. Tuning for
Noise Reduction, Acoustic Echo Cancellation (AEC), and EQ filtering can be customized with an easy-to-use GUI
Configuration Tool. This flexible platform provides multiple digital and analog audio interfaces including stereo
microphones, I2S, Line-In and a stereo audio DAC. It supports easy firmware upgrades via UART, USB and Over-the-
Air (OTA).
This turn-key solution module is pre-programmed with firmware that enables Bluetooth audio playback for a plug-and-
play solution, and an audio transceiver solution for A2DP source/sink. Control settings for LED drivers and other
peripherals can be set via the Configuration Tool. Advanced developers can use the Software Development Kit (SDK)
to implement their applications.
Note:  Contact your local sales representative for more information about the Software Development Kit (SDK).
Figure 1. BM83 Module Block Diagram
AUDIO
CODEC
FLASH
MEMORY
CORE
DSP
ROM
POWER
MANAGEMENT
UNIT
BLUETOOTH
TRANSCEIVER
RAM
I/O PORT
XTAL
PCB ANTENNA
IS2083BM
BM83
I2 C
LINE-IN
MIC-1
(ANALOG)
MIC-2
(ANALOG)
MIC-1
(STEREO DIGITAL)
BAT_IN
ADAP_IN
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 1


Similar Part No. - BM83

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
BM83 MICROCHIP-BM83 Datasheet
4Mb / 76P
Microchip Technology [MICROCHIP]^97
2020
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results

Similar Description - BM83

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBCA2HNZYZ-TEMP MURATA-LBCA2HNZYZ-TEMP Datasheet
496Kb / 23P
Bluetooth Low Energy Module Data Sheet
LBEE5ZZ1MD-011 MURATA-LBEE5ZZ1MD-011 Datasheet
1Mb / 35P
WiFi / Bluetooth Module Data Sheet
logo
Microchip Technology
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
Silicon Laboratories
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
BGM111E SILABS-BGM111E Datasheet
2Mb / 87P
BGM111E Wireless Gecko Bluetooth® Module Data Sheet
Rev. 1.4
BGM11S SILABS-BGM11S Datasheet
3Mb / 95P
BGM11S Blue Gecko Bluetooth® SiP Module Data Sheet
Rev. 1.4
BGM210L SILABS-BGM210L Datasheet
3Mb / 44P
BGM210L Wireless Gecko Bluetooth® Lighting Module Data Sheet
Rev. 1.2
BGX13S SILABS-BGX13S Datasheet
2Mb / 42P
BGX13S Blue Gecko Xpress Bluetooth ® SiP Module Data Sheet
Rev. 1.1
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com