Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 62 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 62 Page - Microchip Technology

Back Button BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
...........continued
Modes
Condition
Role
Packet Type
Current (Typ.)
Unit
RF modes(5)
Continuous TX mode
Modulation
OFF, PL0
─
59
mA
Modulation
ON, PL0
─
30
mA
Modulation
OFF, PL2
─
35.5
mA
Modulation
ON, PL2
─
22
mA
Continuous RX mode
Packet count
disable
─
49
mA
Packet count
enable
─
38.5
mA
1.
VBAT_IN = 3.8V; current measured across BAT_IN.
2.
BM83 module (mounted on BM83 Carrier Board) configured in standalone mode (internal codec) with SBC,
used for measurements; no LEDs, no speaker load.
3.
iPhone
®6 (iOS v12.2) and OnePlus6 (Android Oxygen version 9.0.3) used for measurements.
4.
Auto-unsniff mode is disabled. Sniff interval is 500 ms by default; observed time to enter sniff mode is
approximately 20 secs.
5.
RF TX power is set to 10 dBm.
6.
Current measurements average over a period of 120 secs.
7.
Distance between DUT (BM83) and Bluetooth source (smartphone) is 30 cms.
8.
All measurements are taken inside a shield room.
9.1
Timing Specifications
The following figures illustrate the timing diagram of the IS2083BM/BM83 in I2S and PCM modes.
Figure 9-1. Timing Diagram for I2S Modes (Master/Slave)
Left channel
Right channel
1/fs
SCLK1
RFS1
Word length
DR1/DT1
Bn-2
Bn-1
B1 B0
Bn-1 Bn-2
B1 Bn
BM83
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com