Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 69 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 69 Page - Microchip Technology

Back Button BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology BM83 Datasheet HTML 71Page - Microchip Technology BM83 Datasheet HTML 72Page - Microchip Technology BM83 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
12.2.3
Helpful Web Sites
Innovation, Science and Economic Development Canada (ISED): www.ic.gc.ca/.
12.3
Europe
The BM83 is a Radio Equipment Directive (RED) assessed radio module that is CE marked and has been
manufactured and tested with the intention of being integrated into a final product.
The BM83 module has been tested to RED 2014/53/EU Essential Requirements for Health and Safety (Article
(3.1(a)), Electromagnetic Compatibility (EMC) (Article 3.1(b)), and Radio (Article 3.2), which is summarized in the
following European Compliance Testing table.
The ETSI provides guidance on modular devices in the “Guide to the application of harmonised standards covering
articles 3.1b and 3.2 of the RED 2014/53/EU (RED) to multi-radio and combined radio and non-radio equipment”
document available at http://www.etsi.org/deliver/etsi_eg/203300_203399/20 3367/01.01.01_60/
eg_203367v010101p.pdf.
Note:  To maintain conformance to the testing listed in the following European Compliance Testing table, the module
shall be installed in accordance with the installation instructions in this data sheet and shall not be modified. When
integrating a radio module into a completed product, the integrator becomes the manufacturer of the final product and
is therefore responsible for demonstrating compliance of the final product with the essential requirements against the
RED.
12.3.1
Labeling and User Information Requirements
The label on the final product that contains the BM83 module must follow CE marking requirements.
Table 12-1. European Compliance Information
Certification
Standard
Article
Laboratory
Report Number
Date
Safety
EN60950-1:2006/
A11:2009/ A1:2010/
A12:2011/ A2:2013
3.1(a)
TUV
Rheinland, Taiwan
50206965 001
2019-03-18
Health
EN300328 V2.1.1/
EN62479:2010
50211535 001
2019-03-18
50211536 001
2019-03-18
EMC
EN301489-1 V2.1.1
3.1(b)
50196290 001
2019-03-18
EN301489-1 V2.2.0
EN301489-17 V3.1.1
EN301489-17 V3.2.0
Radio
EN300328 V2.1.1
3.2
50211535 001
2019-03-18
50211536 001
2019-03-18
12.3.2
Conformity Assessment
From ETSI Guidance Note EG 203367, section 6.1, when non-radio products are combined with a radio product:
If the manufacturer of the combined equipment installs the radio product in a host non-radio product in equivalent
assessment conditions (i.e. host equivalent to the one used for the assessment of the radio product) and according to
the installation instructions for the radio product, then no additional assessment of the combined equipment against
article 3.2 of the RED is required.
The European Compliance Information listed in the preceding table was performed using the integral chip antenna.
12.3.2.1 Simplified EU Declaration of Conformity
Hereby, Microchip Technology Inc. declares that the radio equipment type BM83 is in compliance with Directive
2014/53/EU.
BM83
Appendix A: Regulatory Approval
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com