Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2934 Datasheet HTML 1Page - Renesas Technology Corp F2934 Datasheet HTML 2Page - Renesas Technology Corp F2934 Datasheet HTML 3Page - Renesas Technology Corp F2934 Datasheet HTML 4Page - Renesas Technology Corp F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
F2934 Datasheet
R35DS0057EU0102
Rev.1.02
Feb 3, 2023
Page 5
2.
Specifications
2.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the F2934 at absolute maximum ratings is not implied.
Exposure to absolute maximum rating conditions may affect device reliability.
Parameter
Symbol
Minimum
Maximum
Unit
VDD to GND
VDD
-0.3
+5.5
V
VCTL, EN to GND
Vlogic
-0.3
3.6
V
RF1, RF2, RFC to GND
VRF
-0.3
+0.3
V
RF Input Power [1]
RF1 or RF2 as an input
(Connected to RFC)
PRF12
-
36 [2]
dBm
RFC as an input
(Connected to RF1 or RF2)
PRFC
-
36
RFC as an input
(All off state)
PRFC_OFF
-
30
RF1 or RF2 as input
(Terminated states)
PRF12_TERM
-
30 [2]
RF1 and RF2 as inputs
(All off state)
PRF12_OFF
-
30 [2]
Maximum Junction Temperature
TJmax
+125
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
-
+260
°C
ESD Voltage – HBM (Per JESD22-A114)
VESDHBM
-
1000
V
ESD Voltage – CDM (Per JESD22-C101)
VESDCDM
-
500
V
1.
VDD = 2.7V to 5.25V, 250MHz ≤ FRF ≤ 6000MHz, Tc = 105°C, ZS = ZL = 50Ω.
2.
Each port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com