Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 2Page - Renesas Technology Corp F2934 Datasheet HTML 3Page - Renesas Technology Corp F2934 Datasheet HTML 4Page - Renesas Technology Corp F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp F2934 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
F2934 Datasheet
R35DS0057EU0102
Rev.1.02
Feb 3, 2023
Page 6
2.2
Recommended Operating Conditions
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Supply Voltage
VDD
-
2.7
-
5.25
V
Operating Temperature Range
TCASE
Exposed Paddle Temperature
-40
-
+105
ºC
RF Frequency Range
FRF
-
50
-
6000
MHz
RF Continuous
Input CW Power
(Non-Switched)
PRF
RFC connected to RF1
or RF2 [2]
TC = 85ºC
-
-
34
dBm
TC = 105ºC
-
-
34
RF1/ RF2 Input,
Terminated State [3][4]
TC = 85ºC
-
-
27
TC = 105ºC
-
-
27
RFC Input, All off State
TC = 85ºC
-
-
27
TC = 105ºC
-
-
27
RF Continuous
Input Power
(RF Hot Switching CW) [1]
PRFSW
RFC Input, switching
between RF1 and RF2.
TC = 85ºC
-
-
30
dBm
TC = 105ºC
-
-
30
RFC Input, switching
into or out of, All off
State.
TC = 85ºC
-
-
27
TC = 105ºC
-
-
27
RF1 or RF2 as input,
switched between RFC
and Term.
TC = 85ºC
-
-
27
TC = 105ºC
-
-
27
RF1 and RF2 as
inputs, switching into or
out of All off State.[4]
TC = 85ºC
-
-
27
TC = 105ºC
-
-
27
RF1/2 Port Impedance
ZRFx
-
-
50
-
Ω
RFC Port Impedance
ZRFC
-
-
50
-
Ω
1.
Levels based on: VDD = 3.1V to 5.25V, 250MHz ≤ FRF ≤ 6000MHz, ZS = ZL = 50Ω. See Figure 2 for power handling derating vs.
RF frequency.
2.
Input could be RFC, RF1, or RF2 (applied to only one input).
3.
Any RF1 / RF2 termination state. Power level specified is for each port.
4.
Power level specified is for each port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com