Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 4Page - Renesas Technology Corp F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp F2934 Datasheet HTML 10Page - Renesas Technology Corp F2934 Datasheet HTML 11Page - Renesas Technology Corp F2934 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
F2934 Datasheet
R35DS0057EU0102
Rev.1.02
Feb 3, 2023
Page 8
2.4
Electrical Specifications
Typical Application Circuit, VDD = 5.0V, TC = +25°C, FRF = 2000MHz, Driven Port = RF1, RF2, input power =
10dBm, ZS = ZL
= 50Ω, PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic Input High Threshold
VIH
-
1.1
-
3.6
V
Logic Input Low Threshold
VIL
-
-0.3
-
0.6
V
Logic Current
IIH, IIL
For each control pin
-1
-
+1
µA
DC Current
IDD
VDD = 3.3 V
-
205
400 [1]
µA
VDD = 5.0 V
-
250
450
Insertion Loss
RFC to RF1 / RF2
IL
50MHz
-
0.7
-
dB
1GHz
-
0.8
-
2GHz
-
0.8
1
3GHz
-
0.9
-
4GHz
-
0.9
-
6GHz
-
1.1
-
Isolation
RFC to RF1 / RF2
ISOCS
50MHz
74 [2]
79
-
dB
1GHz
71
74
-
2GHz
69
73
-
3GHz
65
70
-
4GHz
60
66
-
6GHz
50
53
-
Isolation
RF1 to RF2
ISOX
50MHz
-
86
-
dB
1GHz
-
62
-
2GHz
-
57
-
3GHz
-
53
-
4GHz
-
50
-
6GHz
-
46
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com