Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 13Page - Renesas Technology Corp F2934 Datasheet HTML 14Page - Renesas Technology Corp F2934 Datasheet HTML 15Page - Renesas Technology Corp F2934 Datasheet HTML 16Page - Renesas Technology Corp F2934 Datasheet HTML 17Page - Renesas Technology Corp F2934 Datasheet HTML 18Page - Renesas Technology Corp F2934 Datasheet HTML 19Page - Renesas Technology Corp F2934 Datasheet HTML 20Page - Renesas Technology Corp F2934 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
F2934 Datasheet
R35DS0057EU0102
Rev.1.02
Feb 3, 2023
Page 17
6.3
Application Circuit
6.4
Bill of Materials
Table 3. Bill of Materials (BOM)
Qty
Ref. Designator
Description
Mfr. Part #
Mfr.
0
C1
Not Installed (0402)
1
C2
0.1µF ±10%, 16V, X7R, Ceramic Capacitor (0402)
GRM155R71C104K
Murata
0
C3, C4, C6
Not Installed (0402)
1
C5
100pF ±5%, 50V, C0G, Ceramic Capacitor (0402)
GRM1555C1H101J
Murata
2
R1, R2
100Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
2
R3, R4
100kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1003X
Panasonic
1
R5
15kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1502X
Panasonic
1
R6
22kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2202X
Panasonic
5
J1 – J5
SMA Edge Launch (0.375-inch pitch ground tabs)
142-0701-851
Emerson Johnson
1
F2934
SP2T Switch 3 mm x 3 mm QFN16-EP
F2934NTGI8
Renesas
1
Printed Circuit Board
F2934 EVKIT REVA
Renesas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com