Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 13Page - Renesas Technology Corp F2934 Datasheet HTML 14Page - Renesas Technology Corp F2934 Datasheet HTML 15Page - Renesas Technology Corp F2934 Datasheet HTML 16Page - Renesas Technology Corp F2934 Datasheet HTML 17Page - Renesas Technology Corp F2934 Datasheet HTML 18Page - Renesas Technology Corp F2934 Datasheet HTML 19Page - Renesas Technology Corp F2934 Datasheet HTML 20Page - Renesas Technology Corp F2934 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
© Integrated Device Technology, Inc.
16-VFQFPN, Package Outline Drawing
3.0x 3.0 x 0.75 mm Body,0.50mm Pitch,Epad 1.60 x 1.60 mm
NTG16T1, PSC-4296-03, Rev 03, Page 2
Package Revision History
Rev No.
Date Created
Description
Rev 02
Add "K" Value 0.20 Minimum
Sept 5, 2018
Rev 03
Correct Typo Error Minimum
July 8, 2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com