Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp F2934 Datasheet HTML 10Page - Renesas Technology Corp F2934 Datasheet HTML 11Page - Renesas Technology Corp F2934 Datasheet HTML 12Page - Renesas Technology Corp F2934 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
F2934 Datasheet
R35DS0057EU0102
Rev.1.02
Feb 3, 2023
Page 9
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Return Loss
RFC, RF1, RF2
RFRL
50MHz
-
25
-
dB
1GHz
-
28
-
2GHz
-
26
-
3GHz
-
22
-
4GHz
-
18
-
6GHz
-
21
-
Return Loss
RF1, RF2 terminated
RFTRL
50MHz
-
25
-
dB
1GHz
-
26
-
2GHz
-
28
-
3GHz
-
22
-
4GHz
-
18
-
6GHz
-
19
-
Input 1dB Compression
ICP1dB
50MHz
-
33
-
dBm
1GHz
-
35
-
2GHz
-
36
-
3GHz
-
36
-
4GHz
-
35
-
Input 0.1dB Compression [3]
ICP0.1dB
VDD = 5.0 V
50MHz
-
34
-
dBm
2GHz
-
33.5
-
3GHz
-
33.5
-
4GHz
-
33.5
-
VDD = 3.1 V
50MHz
-
33.5
-
2GHz
-
34
-
3GHz
-
34
-
4GHz
-
33
-
Input IP3
IIP3
RF Input = RF1 or RF2
PIN = +15 dBm/tone
Δ F = 1MHz
50MHz
-
62
-
dBm
1GHz
-
61
-
2GHz
-
62
-
2.5GHz
-
62.5
-
4GHz
-
61.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com