Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp F2934 Datasheet HTML 10Page - Renesas Technology Corp F2934 Datasheet HTML 11Page - Renesas Technology Corp F2934 Datasheet HTML 12Page - Renesas Technology Corp F2934 Datasheet HTML 13Page - Renesas Technology Corp F2934 Datasheet HTML 14Page - Renesas Technology Corp F2934 Datasheet HTML 15Page - Renesas Technology Corp F2934 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
F2934 Datasheet
R35DS0057EU0102
Rev.1.02
Feb 3, 2023
Page 12
Figure 9. RF1 to RFC Isolation
Figure 10. RF2 to RFC Isolation
Figure 11. Input IP3
Figure 12. P0.1dB Compression (50MHz)
Figure 13. P0.1dB Compression (2GHz)
Figure 14. P0.1dB Compression (3GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com