Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 12Page - Renesas Technology Corp F2934 Datasheet HTML 13Page - Renesas Technology Corp F2934 Datasheet HTML 14Page - Renesas Technology Corp F2934 Datasheet HTML 15Page - Renesas Technology Corp F2934 Datasheet HTML 16Page - Renesas Technology Corp F2934 Datasheet HTML 17Page - Renesas Technology Corp F2934 Datasheet HTML 18Page - Renesas Technology Corp F2934 Datasheet HTML 19Page - Renesas Technology Corp F2934 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
F2934 Datasheet
R35DS0057EU0102
Rev.1.02
Feb 3, 2023
Page 16
6.2
Setup and Configuration
6.2.1.
External Supply Setup
Set up a VCC power supply in the voltage range of 2.7V to 5.25V and disable the power supply output.
6.2.2.
Logic Control Setup
Using the evaluation board to manually set the control logic:
On connector J6 connect a 2-pin shunt from pin 3 (VCC) to pin 4 (VLOGIC). This connection provides the VCC
voltage supply to the Eval Board logic control pull up network. Resistors R5 and R6 form a voltage divider to set
the Vhigh level over the 2.7V to 5.25V VCC range for manual logic control.
Connector J6 has 2 logic input pins: EN (pin 5) and VCTL (pin 7). See Table 2 for Logic Truth Table. With the pull-
up network enabled (as noted above) these pins can be left open to provide a logic high through pull-up resistors
R3 and R4. To set a logic low for EN and VCTL connect 2-pin shunts on J6 from pin 5 (EN) to pin 6 (GND) and
from pin 7 (VCTL) to pin 8 (GND).
Note that when using the on board R5 / R6 voltage divider the current draw from the VCC supply will be higher by
approximately VCC
/ 37kΩ.
Using external control logic:
External logic controls are applied to J6 pin 5 (EN) and pin 7 (VCTL). See Table 2 for Logic Truth Table.
6.2.3.
Turn On Procedure
Setup the supplies and Evaluation Board as noted in the External Supply Setup and Logic Control Setup
sections above.
Connect the preset disabled VCC power supply to the red VCC loop and ground to GND1 or GND2.
Enable the VCC supply.
Set the desired logic setting using J6 pin 5 (EN) and pin 7 (VCTL) to achieve the desired Table 2 setting. Note that
external control logic should not be applied without VCC being present.
6.2.4.
Turn Off Procedure
If using external control logic for EN and VCTL then set them to a logic low.
Disable the VCC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com