Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 3 Page - Texas Instruments

  DRV604 Datasheet HTML 1Page - Texas Instruments DRV604 Datasheet HTML 2Page - Texas Instruments DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
DRV632
www.ti.com
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
INPUT OFFSET (±µV)
OUTPUT VOLTAGE (TYP) (VRMS)
MINIMUM LOAD
IMPEDANCE (Ω)
DRV632
1000
2.4
600
DRV612
1000
2.2
600
DRV604
500
2.1
1000 (line output) / 8
(headphone output)
DRV603
1000
2.05 (VSS = 3.3 V) / 3.01 (VDD = 5 V)
600
DRV602
5000
2.05 (VSS = 3.3 V) / 3.01 (VDD = 5 V)
600
DRV601
8000
2.1 (VSS = 3.3 V) / 2.7 (VDD = 4.5 V)
100
DRV600
8000
2.1 (VSS = 3.3 V) / 2.7 (VDD = 4.5 V)
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com