Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments DRV604 Datasheet HTML 10Page - Texas Instruments DRV604 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
−140
−120
−100
−80
−60
−40
−20
0
20
100
1k
10k
20k
Frequency (Hz)
Left to Right
Right to Left
RL = 10 kΩ
VO = 1 Vrms
VREF = 1 V
0.0001
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
Ch1 1 Vrms
Ch1 2 Vrms
Active Filter
Gain = 2V/V
RL = 10 kΩ
0.0001
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
Ch1 1 Vrms
Ch1 2 Vrms
Active Filter
Gain = 2V/V
RL = 600 Ω
0.0001
0.001
0.01
0.1
1
10
0.1
1
3
Output Voltage (V)
100 Hz
1 kHz
10 kHz
Active Filter
Gain = 2V/V
RL = 10 kΩ
0.0001
0.001
0.01
0.1
1
10
0.1
1
3
Output Voltage (V)
100 Hz
1 kHz
10 kHz
Active Filter
Gain = 2V/V
RL = 600Ω
7
DRV632
www.ti.com
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
7.7 Typical Characteristics
VDD = 3.3 V , TA = 25°C, C(PUMP) = C(VSS) = 1 µF , CIN = 2.2 µF, RIN = 15 kΩ, Rfb = 30 kΩ, ROUT = 32 Ω, COUT = 1 nF (unless
otherwise noted)
Figure 1. Total Harmonic Distortion and Noise vs Output
Voltage
Figure 2. Total Harmonic Distortion and Noise vs Output
Voltage
Figure 3. Total Harmonic Distortion and Noise vs Frequency
Figure 4. Total Harmonic Distortion and Noise vs Frequency
Figure 5. Crosstalk vs Frequency
8 Parameter Measurement Information
All parameters are measured according to the conditions described in Specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com