Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments DRV604 Datasheet HTML 10Page - Texas Instruments DRV604 Datasheet HTML 11Page - Texas Instruments DRV604 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Click and Pop
Suppression
Short-Circuit
Protection
GND
Bias
Circuitry
VSS
CN
CP
VDD
–INR
+INR
OUTL
–INL
OUTR
+INL
Mute
GND
UVP
Line
Driver
Line
Driver
8
DRV632
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
Combining the TI's patented DirectPath technology with the built-in click and pop reduction circuit, the DRV632 is
a 2-VRMS pop-free stereo line driver designed to avoid the use of the output DC-blocking capacitors, resulting in
reduced component count and cost. The DRV632 is capable of driving 2-VRMS into a line load of 600 Ω to 10
kΩ with a 3.3-V supply voltage. The use of charge-pump flying, PVSS, and decoupling capacitors ensure the
performance of the amplifier. The device has two channels with differential inputs that require DC input-blocking
capacitors to block the DC portion of the audio source. These allow the DRV632 inputs to be properly biased to
provide maximum performance. The DRV632 allows external gain-setting resistors to support a gain range of ±1
V/V to ±10 V/V. The gain can be configured individually for each channel. Additionally, both channels can be
used as a second-order filter when the removal of out-of-band noise is required. The DRV632 has a built-in
active-mute control for pop-free audio on/off, and avoids the click and pop generation by using external
undervoltage detection. The device does not generate a pop or click when the power supply is removed or
placed.
9.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com