Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 4 Page - Texas Instruments

  DRV604 Datasheet HTML 1Page - Texas Instruments DRV604 Datasheet HTML 2Page - Texas Instruments DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1
+INR
2
3
4
–INR
OUTR
GND
5
6
7
8
Mute
VSS
CN
9
10
11
12
13
14
CP
VDD
GND
OUTL
–INL
+INL
Charge Pump
UVP
External
Under-
Voltage
Detector
4
DRV632
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
(1)
I = input, O = output, P = power
6 Pin Configuration and Functions
PW Package
14-Pin TSSOP
(Top View)
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
CN
7
I/O
Charge-pump flying capacitor negative connection
CP
8
I/O
Charge-pump flying capacitor positive connection
GND
4, 10
P
Ground
–INL
13
I
Left-channel OPAMP negative input
+INL
14
I
Left-channel OPAMP positive input
–INR
2
I
Right-channel OPAMP negative input
+INR
1
I
Right-channel OPAMP positive input
Mute
5
I
Mute, active-low
OUTL
12
O
Left-channel OPAMP output
OUTR
3
O
Right-channel OPAMP output
UVP
11
I
Undervoltage protection, internal pullup; unconnected if UVP function is unused.
VDD
9
P
Positive supply
VSS
6
P
Supply voltage
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range
(1)
MIN
MAX
UNIT
Supply voltage, VDD to GND
–0.3
4
V
VI
Input voltage
VSS – 0.3
VDD + 0.3
V
RL
Minimum load impedance – line outputs – OUTL, OUTR
600
Ω
Mute to GND, UVP to GND
–0.3
VDD + 0.3
V
TJ
Maximum operating junction temperature
–40
150
°C
Tstg
Storage temperature
–40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com