Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments DRV604 Datasheet HTML 10Page - Texas Instruments DRV604 Datasheet HTML 11Page - Texas Instruments DRV604 Datasheet HTML 12Page - Texas Instruments DRV604 Datasheet HTML 13Page - Texas Instruments DRV604 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
cIN
IN
IN
IN
cIN
IN
1
1
f
=
C
=
2 R
C
2 f
R
or
p
p
10
DRV632
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.3 Decoupling Capacitors
The DRV632 is a DirectPath line-driver amplifier that requires adequate power supply decoupling to ensure that
the noise and total harmonic distortion (THD) are low. A good, low equivalent-series-resistance (ESR) ceramic
capacitor, typically 1 μF, placed as close as possible to the device VDD lead works best. Placing this decoupling
capacitor close to the DRV632 is important for the performance of the amplifier. For filtering lower-frequency
noise signals, a 10-μF or greater capacitor placed near the audio power amplifier would also help, but it is not
required in most applications because of the high PSRR of this device.
9.3.4 Gain-Setting Resistor Ranges
The gain-setting resistors, RIN and Rfb, must be chosen so that noise, stability, and input capacitor size of the
DRV632 are kept within acceptable limits. Voltage gain is defined as Rfb divided by RIN.
Selecting values that are too low demands a large input ac-coupling capacitor, CIN. Selecting values that are too
high increases the noise of the amplifier. Table 1 lists the recommended resistor values for different inverting-
input gain settings.
Table 1. Recommended Resistor Values
GAIN
INPUT RESISTOR VALUE, RIN
FEEDBACK RESISTOR VALUE, Rfb
–1 V/V
10 k
Ω
10 k
Ω
–1.5 V/V
8.2 k
Ω
12 k
Ω
–2 V/V
15 k
Ω
30 k
Ω
–10 V/V
4.7 k
Ω
47 k
Ω
9.3.5 Input-Blocking Capacitors
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
DRV632. These capacitors block the dc portion of the audio source and allow the DRV632 inputs to be properly
biased to provide maximum performance.
These capacitors form a high-pass filter with the input resistor, RIN. The cutoff frequency is calculated using
Equation 3. For this calculation, the capacitance used is the input-blocking capacitor, and the resistance is the
input resistor chosen from Table 1; then the frequency and/or capacitance can be determined when one of the
two values is given.
It is recommended to use electrolytic capacitors or high-voltage-rated capacitors as input blocking capacitors to
ensure minimal variation in capacitance with input voltages. Such variation in capacitance with input voltages is
commonly seen in ceramic capacitors and can increase low-frequency audio distortion.
(3)
9.3.6 DRV632 UVP Operation
The shutdown threshold at the UVP pin is 1.25 V. The customer must use a resistor divider to obtain the
shutdown threshold and hysteresis desired for a particular application. The customer-selected thresholds can be
determined as follows:
9.3.7 External Undervoltage Detection
External undervoltage detection can be used to mute/shut down the DRV632 before an input device can
generate a pop.
The shutdown threshold at the UVP pin is 1.25 V. The user selects a resistor divider to obtain the shutdown
threshold and hysteresis for the specific application. The thresholds can be determined as follows:
VUVP = (1.25 – 6 μA × R3) × (R1 + R2) / R2
Hysteresis = 5 μA × R3 × (R1 + R2) / R2
For example, to obtain VUVP = 3.8 V and 1-V hysteresis, use R1 = 3 kΩ, R2 = 1 kΩ, and R3 = 50 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com