Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 5 Page - Texas Instruments

  DRV604 Datasheet HTML 1Page - Texas Instruments DRV604 Datasheet HTML 2Page - Texas Instruments DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
DRV632
www.ti.com
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±4000
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
DC supply voltage
3
3.3
3.6
V
RL
Load impedance
0.6
10
kΩ
VIL
Low-level input voltage
Mute
40
% of VDD
VIH
High-level input voltage
Mute
60
% of VDD
TA
Operating free-air temperature
–40
25
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
DRV632
UNIT
PW (TSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
130
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49
°C/W
RθJB
Junction-to-board thermal resistance
63
°C/W
ψJT
Junction-to-top characterization parameter
3.6
°C/W
ψJB
Junction-to-board characterization parameter
62
°C/W
7.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 3.3 V
0.5
1
mV
PSRR
Power-supply rejection ratio
80
dB
VOH
High-level output voltage
VDD = 3.3 V
3.1
V
VOL
Low-level output voltage
VDD = 3.3 V
–3.0
5
V
VUVP_EX
External UVP detect voltage
1.25
V
VUVP_EX_HYSTERESIS
External UVP detect hysteresis current
5
µA
fCP
Charge pump switching frequency
200
300
400
kHz
|IIH|
High-level input current, Mute
VDD = 3.3 V, VIH = VDD
1
µA
|IIL|
Low-level input current, Mute
VDD = 3.3 V, VIL = 0 V
1
µA
IDD
Supply current
VDD = 3.3 V, no load, Mute = VDD
5
14
25
mA
VDD = 3.3 V, no load, Mute = GND,
disabled
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com