Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments DRV604 Datasheet HTML 10Page - Texas Instruments DRV604 Datasheet HTML 11Page - Texas Instruments DRV604 Datasheet HTML 12Page - Texas Instruments DRV604 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OPAMP
Co
Mute Circuit
Output
Enable
+
+
+
–
Conventional Solution
DRV632
Mute Circuit
Output
Enable
3.3 V
+
–
DRV632 Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath
9 V–12 V
O
L c
1
C
=
2 R f
p
c
L
O
1
f =
2 R C
p
9
DRV632
www.ti.com
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Line Driver Amplifiers
Single-supply line-driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 6 illustrates
the conventional line-driver amplifier connection to the load and output signal. DC blocking capacitors are often
large in value. The line load (typical resistive values of 600 Ω to 10 kΩ) combines with the dc blocking capacitors
to form a high-pass filter. Equation 1 shows the relationship between the load impedance (RL), the capacitor
(CO), and the cutoff frequency (fC).
(1)
CO can be determined using Equation 2, where the load impedance and the cutoff frequency are known.
(2)
If fC is low, the capacitor must then have a large value because the load resistance is small. Large capacitance
values require large package sizes. Large package sizes consume PCB area, stand high above the PCB,
increase cost of assembly, and can reduce the fidelity of the audio output signal.
Figure 6. Conventional and DirectPath Line Drivers
The DirectPath amplifier architecture operates from a single supply but makes use of an internal charge pump to
provide a negative voltage rail. Combining the user-provided positive rail and the negative rail generated by the
IC, the device operates in what is effectively a split-supply mode. The output voltages are now centered at zero
volts with the capability to swing to the positive rail or negative rail. Combining this with the built-in click and pop
reduction circuit, the DirectPath amplifier requires no output dc blocking capacitors. The bottom block diagram
and waveform of Figure 6 illustrate the ground-referenced line-driver architecture. This is the architecture of the
DRV632.
9.3.2 Charge-Pump Flying Capacitor and PVSS Capacitor
The charge-pump flying capacitor serves to transfer charge during the generation of the negative supply voltage.
The PVSS capacitor must be at least equal to the charge-pump capacitor in order to allow maximum charge
transfer. Low-ESR capacitors are an ideal selection, and a value of 1 μF is typical. Capacitor values that are
smaller than 1 μF can be used, but the maximum output voltage may be reduced and the device may not operate
to specifications. If the DRV632 is used in highly noise-sensitive circuits, TI recommends adding a small LC filter
on the VDD connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com