Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV604
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 1 Page - Texas Instruments

  DRV604 Datasheet HTML 1Page - Texas Instruments DRV604 Datasheet HTML 2Page - Texas Instruments DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
+
±
+
±
DAC
DAC
DRV632
RIGHT
LEFT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV632
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
1
1 Features
1
•
Stereo DirectPath™ Audio Line Driver
–
2 Vrms Into 10 k
Ω With 3.3-V Supply
•
Low THD+N < 0.01% at 2 Vrms Into 10 k
Ω
•
High SNR, >90 dB
•
600-
Ω Output Load Compliant
•
Differential Input and Single-Ended Output
•
Adjustable Gain by External Gain-Setting
Resistors
•
Low DC Offset, <1 mV
•
Ground-Referenced Outputs Eliminate DC-
Blocking Capacitors
–
Reduce Board Area
–
Reduce Component Cost
–
Improve THD+N Performance
–
No Degradation of Low-Frequency Response
Due to Output Capacitors
•
Short-Circuit Protection
•
Click- and Pop-Reduction Circuitry
•
External Undervoltage Mute
•
Active Mute Control for Pop-Free Audio On/Off
Control
•
Space-Saving TSSOP Package
2 Applications
•
Set-Top Boxes
•
Blu-ray Disc™, DVD Players
•
LCD and PDP TV
•
Mini/Micro Combo Systems
•
Sound Cards
•
Laptops
3 Description
The DRV632 is a 2-VRMS pop-free stereo line driver
designed to allow the removal of the output dc-
blocking capacitors for reduced component count and
cost. The device is ideal for single-supply electronics
where size and cost are critical design parameters.
Designed
using
TI’s
patented
DirectPath™
technology, The DRV632 is capable of driving 2 VRMS
into a 10-k
Ω load with 3.3-V supply voltage. The
device has differential inputs and uses external gain-
setting resistors to support a gain range of ±1 V/V to
±10 V/V, and gain can be configured individually for
each channel. Line outputs have ±8-kV IEC ESD
protection, requiring just a simple resistor-capacitor
ESD protection circuit. The DRV632 has built-in
active-mute control for pop-free audio on/off control.
The DRV632 has an external undervoltage detector
that mutes the output when the power supply is
removed, ensuring a pop-free shutdown.
Using the DRV632 in audio products can reduce
component
count
considerably
compared
to
traditional methods of generating a 2-VRMS output.
The DRV632 does not require a power supply greater
than 3.3 V to generate its 5.6-Vpp output, nor does it
require a split-rail power supply. The DRV632
integrates its own charge pump to generate a
negative supply rail that provides a clean, pop-free
ground-biased 2-VRMS output.
The DRV632 is available in a 14-pin TSSOP.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV632
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Diagram


Similar Part No. - DRV604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV604 TI-DRV604 Datasheet
878Kb / 21P
DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
DRV604 TI2-DRV604 Datasheet
885Kb / 21P
DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
REVISED APRIL 2010
DRV604 TI2-DRV604 Datasheet
840Kb / 31P
DRV612 2-Vrms DirectPath™ Line Driver With Programmable-Fixed Gain
REVISED JULY 2016
DRV604PWP TI-DRV604PWP Datasheet
878Kb / 21P
DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
DRV604PWP TI2-DRV604PWP Datasheet
885Kb / 21P
DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
REVISED APRIL 2010
More results

Similar Description - DRV604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com