Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1102 Datasheet HTML 1Page - Renesas Technology Corp F1102 Datasheet HTML 2Page - Renesas Technology Corp F1102 Datasheet HTML 3Page - Renesas Technology Corp F1102 Datasheet HTML 4Page - Renesas Technology Corp F1102 Datasheet HTML 5Page - Renesas Technology Corp F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
4
Rev2, July 2012
DATASHEET
IDTF1150 SPECIFICATION (CONTINUED)
Parameter
Comment
Symbol
min
typ
max
units
NF LC Mode
Noise Figure
• LC
MODE = GND
• EVkit BOM = LC Mode
• F
IF = 200 MHz
NFLC
9.6
dB
NF w/Blocker
-100 MHz offset blocker
PIN = +4 dBm
FIF = 250 MHz
NFBLK
17.5
dB
Output IP3 –
Narrowband
PIN = -10 dBm per tone
800 KHz Tone Separation
IP3O1
36
38
dBm
Output IP3 –
Wideband
PIN = -10 dBm per tone
30 MHz Tone Separation
IP3O2
37
dBm
Output IP3 –
LCMODE
PIN = -5 dBm per tone
FRF = 1850 MHz
FIF = 200 MHz
800 KHz Tone Separation
LCMODE = GND
EVKit BOM = LC Mode
IP3O3
33
36
dBm
2RF – 2LO rejection
PRF = -10 dBm
Frequency = FRF + ½ FIF
2x2
-74
-64
dBc
1 dB Compression
Input referred
P1dBI1
12
12.8
dBm
1 dB Compression -
LCMODE
Input referred
LCMODE = GND
EVKit BOM = LC Mode
FIF = 200 MHz
P1dBI2
8
10.6
dBm
Gain Comp. w/blocker
Blocker
unmodulated tone
PIN = +8 dBm, -100 MHz offset
Signal Pin Tone = -20 dBm
Measure ∆G of signal
FIF = 250 MHz
∆GAC
0.15
dB
Channel Isolation
IF_B Pout vs. IF_A w/ RF_A input
ISOC
52
dB
LO to IF leakage
ISOLI
-39
-35
dBm
RF to IF leakage
Pin = -10 dBm
ISORI
-30
-22.5
dBm
LO to RF leakage
ISOLR
-40
dBm
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com