Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
18
Rev2, July 2012
DATASHEET
H
HIIG
GH
H
T
TE
EM
MP
P
OPERATING CONDITIONS [200 MHZ IF] (1)
Gain [EVKit de-embedded]
2RF x 2LO rejection
LO - IF leakage
Output IP3 [EVkit de-embedded]
Input 1dB Compression
3RF x 3LO rejection
5
6
7
8
9
10
11
12
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC
EVkit effects de-embedded, corrected for:
● TC4-1T transformer loss (graph on page 20)
● RF input trace loss (graph on page 20)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC
25
30
35
40
45
50
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC
EVkit effects de-embedded, corrected for:
● TC4-1T transformer loss (graph on page 20)
6
7
8
9
10
11
12
13
14
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com