Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp F1102 Datasheet HTML 23Page - Renesas Technology Corp F1102 Datasheet HTML 24Page - Renesas Technology Corp F1102 Datasheet HTML 25Page - Renesas Technology Corp F1102 Datasheet HTML 26Page - Renesas Technology Corp F1102 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
23
Rev2, July 2012
DATASHEET
PIN DESCRIPTIONS
Pin(s)
Name
Function
1
RF_A
Main Channel RF Input. Internally matched to 50 . DO NOT
apply DC to these pins
2, 8, 20
RF_Artn,
RF_Brtn,
LO_rtn
Transformer Ground Returns. Ground these pins.
3, 5, 7,18, 22,
24, 28
GND
Ground these pins.
4, 6, 12, 15, 31,
23, 26, 27, 34
N.C.
No Connection. Not internally connected. OK to connect to Vcc.
OK to connect to GND
10, 16, 21, 30,
36
VCC
Power Supplies. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
9
RF_B
Diversity Channel RF Input. Internally matched to 50
11
IF_BiasB
Connect the specified resistor from this pin to ground to set the
bias for the Diversity IF amplifier. This is NOT a current set
resistor
13, 14
IFB+, IFB-
Diversity Mixer Differential IF Output. Connect pullup inductors
from each of these pins to VCC (see the Typical Application
Circuit).
17
LO1_ADJ
Connect the specified resistor for either Standard or LC mode
from this pin to ground to set the LO common buffer Icc
19
LO_in
Local Oscillator Input. Connect the LO to this port through a
series 3 pF capacitor
25
LC_MODE
Low_Current Mode. Set this pin to low or ground for LC mode.
Set to high or No-Connect for Standard mode. There is an
internal pull-up resistor.
22
STBY
STBY Mode. Pull this pin high for Standby mode (~20 mA). Pull
low or Ground for normal Operation
29
LO2_ADJ
Connect the specified resistor for either Standard or LC mode
from this pin to ground to set the LO drive buffers Icc
32, 33
IFA-, IFA+
Main Mixer Differential IF Output. Connect pullup inductors from
each of these pins to VCC (see the Typical Application Circuit).
35
IF_BiasA
Connect the specified resistor from this pin to ground to set the
bias for the Main IF amplifier. This is NOT a current set resistor
— EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to provide heat
transfer out of the device into the PCB ground planes. These
multiple via grounds are also required to achieve the noted RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com