Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp F1102 Datasheet HTML 10Page - Renesas Technology Corp F1102 Datasheet HTML 11Page - Renesas Technology Corp F1102 Datasheet HTML 12Page - Renesas Technology Corp F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
10
Rev2, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS STD MODE (5) – SEE TRACE DECODER ON PAGE 5
Channel Isolation vs. Temperature
Channel Isolation vs. LO Level
Noise Figure vs. VCC
Channel Isolation vs. VCC
Noise Figure vs. Temperature
Noise Figure ChA vs. ChB
30
35
40
45
50
55
60
65
70
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
30
35
40
45
50
55
60
65
70
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
6
8
10
12
14
16
1.80E+09
1.85E+09
1.90E+09
1.95E+09
2.00E+09
RF Freq (Hz)
30
35
40
45
50
55
60
65
70
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
6
8
10
12
14
16
1.80E+09
1.85E+09
1.90E+09
1.95E+09
2.00E+09
RF Freq (Hz)
6
8
10
12
14
16
1.80E+09
1.85E+09
1.90E+09
1.95E+09
2.00E+09
RF Freq (Hz)
200 MHz IF only
ChA (Dotted Line)
ChB (Solid Line)
-40C
+25C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com