Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp F1102 Datasheet HTML 23Page - Renesas Technology Corp F1102 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
20
Rev2, July 2012
DATASHEET
H
HIIG
GH
H
T
TE
EM
MP
P
OPERATING CONDITIONS [GENERAL] (3)
Channel Isolation
Noise Figure [EVkit de-embedded]
EVkit RF trace loss
Output IP2
Output 1dB Compression [EVkit de-embedded]
EVkit Transformer Loss
40
45
50
55
60
65
70
75
80
85
90
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC
6
7
8
9
10
11
12
13
1800
1850
1900
1950
2000
RF Freq (MHz)
-40 degC - ChA
-40 degC - ChB
25 degC - ChA
25 degC - ChB
100 degC - ChA
100 degC - ChB
EVkit RF input trace loss de-embedded
Low Current Mode (LC)
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
RF Freq (MHz)
RF_-40C
RF_25C
RF_100C
40
45
50
55
60
65
70
75
80
85
90
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 200 MHz IF - STD
25C case - 200 MHz IF - LC
25C ambient - 200 MHz IF - STD
25C ambient - 200 MHz IF - LC
100C case - 200 MHz IF - STD
100C case - 200 MHz IF - LC
15
16
17
18
19
20
21
22
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
RF Freq (GHz)
25C case - 350 MHz IF - STD
25C case - 350 MHz IF - LC
25C ambient - 350 MHz IF - STD
25C ambient - 350 MHz IF - LC
100C case - 350 MHz IF - STD
100C case - 350 MHz IF - LC
EVkit effects de-embedded, corrected for:
● TC4-1T transformer loss (graph on page 20)
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
4.0E+07
8.0E+07
1.2E+08
1.6E+08
2.0E+08
2.4E+08
2.8E+08
3.2E+08
3.6E+08
4.0E+08
Frequency (Hz)
-40C
+25C
+100C
See Mixer Device Gain plots. This Data is
used to de-embed the EVKit measured data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com