Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp F1102 Datasheet HTML 10Page - Renesas Technology Corp F1102 Datasheet HTML 11Page - Renesas Technology Corp F1102 Datasheet HTML 12Page - Renesas Technology Corp F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
12
Rev2, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS – GENERAL (-2-)
EVkit IF Port Match (TA = 25C)
IP3O vs. Tone ∆
∆
∆
∆f (T
A = 25C, Freq = 1850 MHz)
Gain Distribution (N = 2348, FRF = 1710M , FIF = 350M)
Small Signal Compression (IF = 250 MHz, STD Mode)
IP3O vs. RF Power (TA = 25C, Freq = 1850 MHz)
IP3O Distribution (N = 2348, FRF = 1850M , FIF = 200M)
-25
-20
-15
-10
-5
0
5.0E+07
1.5E+08
2.5E+08
3.5E+08
4.5E+08
IF Freq (Hz)
ChA STD Mode
ChB STD Mode
ChA LC Mode
ChB LC Mode
15
20
25
30
35
40
45
8.00E+05
5.60E+06
1.04E+07
1.52E+07
2.00E+07
2.48E+07
2.96E+07
Tone Separation (Hz)
STD Mode (Green)
LC Mode (Blue)
IP3+ (Solid Lines)
IP3- (Dotted Lines)
200 MHz IF only
0%
5%
10%
15%
20%
25%
30%
Gain Bin (dB)
Channel B
Channel A
Standard Mode
0
2
4
6
8
10
-30
-22
-14
-6
2
10
Large Signal Blocker Level (dBm)
Channel B
Channel A
15
20
25
30
35
40
45
-16
-14
-12
-10
-8
-6
-4
-2
Pin (dBm/Tone)
STD Mode (Green)
LC Mode (Blue)
350 MHz (Solid Lines)
200 MHz (Dotted Lines)
0%
5%
10%
15%
20%
25%
30%
35%
IP3O Bin (dBm)
Channel B
Channel A
Low Current Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com