Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 12Page - Renesas Technology Corp F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
16
Rev2, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS LC MODE (4) – SEE TRACE DECODER ON PAGE 5
RF-IF Leakage vs. Temperature
RF-IF Leakage vs. LO Level
3RF X 3LO Rejection vs. VCC
RF-IF Leakage vs. VCC
3RF X 3LO Rejection vs. Temperature
3RF X 3LO Rejection vs. LO Level
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com