Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp F1102 Datasheet HTML 23Page - Renesas Technology Corp F1102 Datasheet HTML 24Page - Renesas Technology Corp F1102 Datasheet HTML 25Page - Renesas Technology Corp F1102 Datasheet HTML 26Page - Renesas Technology Corp F1102 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
26
Rev2, July 2012
DATASHEET
EVKIT BOM
For Standard Mode, Open the LCMODE jumper in conjunction with positioning the 4 dual jumpers to select the
resistors in red.
For Low Current Mode close the LCMODE jumper in conjunction with positioning the 4 dual jumpers to select the
resistors in blue.
TOPMARKINGS
Item #
Value
Size
Desc
Mfr. Part #
Mfr.
Part Reference
Qty
1
10nF
0402
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
MURATA
C1,5,6,9,12,13,16
7
2
1000pF
0402
CAP CER 1000PF 50V C0G 0402
GRM1555C1H102JA01D
MURATA
C2,3,14,15
4
3
1.2nH
0402
0402CS-1N2XJLU Ceramic Chip Inductor
0402CS-1N2XJLU
COILCRAFT
C8,10
2
4
3pF
0402
CAP CER 3PF 0402
GRM1555C1H3R0CZ01D
MURATA
C11
1
5
10uF
0603
CAP CER 10UF 6.3V X5R 0603
GRM188R60J106ME47D
MURATA
C4
1
6
Header 2 Pin
TH 2
CONN HEADER VERT SGL 2POS GOLD
961102-6404-AR
3M
JP1,2,3
3
7
Header 3 Pin
TH 3
CONN HEADER VERT SGL 3POS GOLD
961103-6404-AR
3M
JP4,5,6,7
4
8
SMA_END_LAUNCH
.062
SMA_END_LAUNCH
142-0711-821
Emerson Johnson
J1,2,3,4,5,6,7
7
9
270nH
0805
0805CS (2012) Ceramic Chip Inductor
0805CS-271XJLB
COILCRAFT
L1,2,3,4
4
10
27
0402
RES 27 OHM 1/10W 1% 0402 SMD
ERJ-2RKF27R0X
Panasonic
R11,15
2
11
63
0402
RES 63 OHM 1/10W 1% 0402 SMD
ERJ-2RKF63R0X
Panasonic
R12,16
2
12
91
0402
RES 91.0 OHM 1/10W 1% 0402 SMD
ERJ-2RKF91R0X
Panasonic
R13
1
13
180
0402
RES 180 OHM 1/10W 1% 0402 SMD
ERJ-2RKF1800X
Panasonic
R14
1
14
1.91K
0402
RES 1.91K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1911X
Panasonic
R18
1
15
1.21K
0402
RES 1.21K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1211X
Panasonic
R17
1
16
47K
0402
RES 47.0K OHM 1/16W 1% 0402 SMD
RC0402FR-0747KL
Yageo
R8,9
2
17
0
0402
RES 0.0 OHM 1/10W 0402 SMD
ERJ-2GE0R00X
Panasonic
R1,2,3,4,5,6,7,10
10
18
4:1 Balun
SM-22
4:1 Center Tap Balun
TC4-1TG2+
Mini Circuits
T1,2
2
19
F1150ZM (021)
QFN-36
Diversity Downconverter
IDT
U1
1
20
PCB
F1150 EVKit Rev5
1
F1150 BOM
IDTF1150
NBGI
YA1206A
Q21A027M
●
Part Number
Date Code: [xxYYWWx]
(Work Week 6 of 2012)
Lot Code
NOTE: Production Devices
are DateCode 1206 or later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com