Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 8Page - SMSC Corporation USB2512I Datasheet HTML 9Page - SMSC Corporation USB2512I Datasheet HTML 10Page - SMSC Corporation USB2512I Datasheet HTML 11Page - SMSC Corporation USB2512I Datasheet HTML 12Page - SMSC Corporation USB2512I Datasheet HTML 13Page - SMSC Corporation USB2512I Datasheet HTML 14Page - SMSC Corporation USB2512I Datasheet HTML 15Page - SMSC Corporation USB2512I Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
12
SMSC USB2512i
DATASHEET
3.2
Buffer Type Descriptions
Table 3.4 USB2512i Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
IPD
Input with internal weak pull-down resistor.
IPU
Input with internal weak pull-up resistor.
IS
Input with Schmitt trigger.
O12
Output 12mA.
OD12
Open drain... 12mA sink.
I/O12
Input/Output buffer with 12mA sink and 12mA source.
I/OSD12
Open drain...12mA sink with Schmitt trigger, and must meet I2C-Bus Specification
Version 2.1 requirements.
ICLKx
XTAL clock input.
OCLKx
XTAL clock output.
I-R
RBIAS.
I/O-U
Analog Input/Output Defined in USB specification.
AIO
Analog Input/Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com