Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 15Page - SMSC Corporation USB2512I Datasheet HTML 16Page - SMSC Corporation USB2512I Datasheet HTML 17Page - SMSC Corporation USB2512I Datasheet HTML 18Page - SMSC Corporation USB2512I Datasheet HTML 19Page - SMSC Corporation USB2512I Datasheet HTML 20Page - SMSC Corporation USB2512I Datasheet HTML 21Page - SMSC Corporation USB2512I Datasheet HTML 22Page - SMSC Corporation USB2512I Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
SMSC USB2512i
19
Revision 1.92 (11-28-07)
DATASHEET
4.2.1.11
Register 0Ah: Port Disable For Self Powered Operation
4.2.1.12
Register 0Bh: Port Disable For Bus Powered Operation
4.2.1.13
Register 0Ch: Max Power For Self Powered Operation
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_SP
Port Disable Self-Powered: Disables 1 or more contiguous ports. ‘0’ = port
is available, ‘1’ = port is disabled.
During Self-Powered operation
when remapping mode is disabled
(PRTMAP_EN='0'), this selects the ports which will be permanently
disabled, and are not available to be enabled or enumerated by a Host
Controller. The ports can be disabled in any order, the internal logic will
automatically report the correct number of enabled ports to the USB Host,
and will reorder the active ports in order to ensure proper function.
Bit 7= Reserved, always = ‘0’
Bit 6= Reserved, always = ‘0’
Bit 5= Reserved, always = ‘0’
Bit 4= Reserved, always = ‘0’
Bit 3= Reserved, always = ‘1’
Bit 2= 1; Port 2 is disabled
Bit 1= 1; Port 1 is disabled
Bit 0= Reserved, always = ‘0’
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_BP
Port Disable Bus-Powered: Disables 1 or more contiguous ports. ‘0’ = port
is available, ‘1’ = port is disabled.
During Self-Powered operation
when remapping mode is disabled
(PRTMAP_EN='0'), this selects the ports which will be permanently
disabled, and are not available to be enabled or enumerated by a Host
Controller. The ports can be disabled in any order, the internal logic will
automatically report the correct number of enabled ports to the USB Host,
and will reorder the active ports in order to ensure proper function.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved, always = ‘1’
Bit 2= 1; Port 2 is disabled
Bit 1= 1; Port 1 is disabled
Bit 0 is Reserved, always = ‘0’
BIT
NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com