Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 19Page - SMSC Corporation USB2512I Datasheet HTML 20Page - SMSC Corporation USB2512I Datasheet HTML 21Page - SMSC Corporation USB2512I Datasheet HTML 22Page - SMSC Corporation USB2512I Datasheet HTML 23Page - SMSC Corporation USB2512I Datasheet HTML 24Page - SMSC Corporation USB2512I Datasheet HTML 25Page - SMSC Corporation USB2512I Datasheet HTML 26Page - SMSC Corporation USB2512I Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
SMSC USB2512i
23
Revision 1.92 (11-28-07)
DATASHEET
4.2.1.21
Register FBh: Port Remap 12
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PRTR12
Port remap register for ports 1 & 2.
When a hub is enumerated by a USB Host Controller, the hub is only
permitted to report how many ports it has; the hub is not permitted to select
a numerical range or assignment. The Host Controller will number the
downstream ports of the hub starting with the number '1', up to the number
of ports that the hub reported having.
The host's port number is referred to as "Logical Port Number" and the
physical port on the hub is the “Physical Port Number". When remapping
mode is enabled (see PRTMAP_EN in Register 08h: Configuration Data
Byte 3) the hub's downstream port numbers can be remapped to different
logical port numbers (assigned by the host).
Note:
The OEM must ensure that Contiguous Logical Port Numbers are
used, starting from #1 up to the maximum number of enabled ports;
this ensures that the hub's ports are numbered in accordance with
the way a Host will communicate with the ports.
Table 4.2 Port Remap Register for Ports 1 & 2
Bit [7:4]
‘0000’
Physical Port 2 is Disabled
‘0001’
Physical Port 2 is mapped to Logical Port 1
‘0010’
Physical Port 2 is mapped to Logical Port 2
‘0011’
to
‘1111’
Illegal; Do Not Use
Bit [3:0]
‘0000’
Physical Port 1 is Disabled
‘0001’
Physical Port 1 is mapped to Logical Port 1
‘0010’
Physical Port 1 is mapped to Logical Port 2
‘0011’
to
‘1111’
Illegal; Do Not Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com