Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 28 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 28 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 24Page - SMSC Corporation USB2512I Datasheet HTML 25Page - SMSC Corporation USB2512I Datasheet HTML 26Page - SMSC Corporation USB2512I Datasheet HTML 27Page - SMSC Corporation USB2512I Datasheet HTML 28Page - SMSC Corporation USB2512I Datasheet HTML 29Page - SMSC Corporation USB2512I Datasheet HTML 30Page - SMSC Corporation USB2512I Datasheet HTML 31Page - SMSC Corporation USB2512I Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
28
SMSC USB2512i
DATASHEET
4.6.2
External Hardware RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1us after all power
supplies are within operating range. While reset is asserted, the Hub (and its associated external
circuitry) consumes less than 500
μA of current from the upstream USB power source.
Assertion of RESET_N (external pin) causes the following:
1. All downstream ports are disabled, and PRTPWR power to downstream devices is removed.
2. The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3. All transactions immediately terminate; no states are saved.
4. All internal registers return to the default state (in most cases, 00(h)).
5. The external crystal oscillator is halted.
6. The PLL is halted.
The Hub is “operational” 500
μs after RESET_N is negated.
Once operational, the Hub immediately reads OEM-specific data from the external EEPROM (if the
SMBus option is not disabled).
4.6.2.1
RESET_N for Strapping Option Configuration
Figure 4.3 Reset_N Timing for Default/Strap Option Mode
Table 4.3 Reset_N Timing for Default/Strap Option Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
RESET_N Asserted.
1
μsec
t2
Strap Setup Time
16.7
nsec
t3
Strap Hold Time.
16.7
1400
nsec
t4
hub outputs driven to inactive logic states
1.5
2
μsec
t5
USB Attach (See Note).
100
msec
t6
Host acknowledges attach and signals USB
Reset.
100
msec
t1
t4
t5
t6
t7
t8
Valid
Don’t Care
Don’t Care
Driven by Hub if strap is an output.
RESET_N
VSS
Strap Pins
VSS
Hardware
reset
asserted
Read Strap
Options
Drive Strap
Outputs to
inactive
levels
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t2
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com