Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 13Page - SMSC Corporation USB2512I Datasheet HTML 14Page - SMSC Corporation USB2512I Datasheet HTML 15Page - SMSC Corporation USB2512I Datasheet HTML 16Page - SMSC Corporation USB2512I Datasheet HTML 17Page - SMSC Corporation USB2512I Datasheet HTML 18Page - SMSC Corporation USB2512I Datasheet HTML 19Page - SMSC Corporation USB2512I Datasheet HTML 20Page - SMSC Corporation USB2512I Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
SMSC USB2512i
17
Revision 1.92 (11-28-07)
DATASHEET
4.2.1.8
Register 07h: Configuration Data Byte 2
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port- by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is hardware implementation dependent.
0 = Ganged switching (all ports together)
1 = Individual port-by-port switching
BIT
NUMBER
BIT NAME
DESCRIPTION
7
DYNAMIC
Dynamic Power Enable: Controls the ability of the Hub to automatically
change from Self-Powered operation to Bus-Powered operation if the local
power source is removed or is unavailable (and from Bus-Powered to Self-
Powered if the local power source is restored). {Note: If the local power
source is available, the Hub will always switch to Self-Powered operation.}
When Dynamic Power switching is enabled, the Hub detects the availability
of a local power source by monitoring the external LOCAL_PWR pin. If the
Hub detects a change in power source availability, the Hub immediately
disconnects and removes power from all downstream devices and
disconnects the upstream port. The Hub will then re-attach to the upstream
port as either a Bus-Powered Hub (if local-power is unavailable) or a Self-
Powered Hub (if local power is available).
0 = No Dynamic auto-switching
1 = Dynamic Auto-switching capable
6
Reserved
Reserved
5:4
OC_TIMER
OverCurrent Timer: Over Current Timer delay.
00 = 0.1ms
01 = 4ms
10 = 8ms
11 = 16ms
3
COMPOUND
Compound Device: Allows the OEM to indicate that the Hub is part
of a compound (see the USB Specification for definition) device. The
applicable port(s) must also be defined as having a "Non-Removable
Device".
Note: When configured via strapping options, declaring a port as
non-removable automatically causes the hub controller to report that
it is part of a compound device.
0 = No
1 = Yes, Hub is part of a compound device
2:0
Reserved
Reserved
BIT
NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com