Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 10Page - SMSC Corporation USB2512I Datasheet HTML 11Page - SMSC Corporation USB2512I Datasheet HTML 12Page - SMSC Corporation USB2512I Datasheet HTML 13Page - SMSC Corporation USB2512I Datasheet HTML 14Page - SMSC Corporation USB2512I Datasheet HTML 15Page - SMSC Corporation USB2512I Datasheet HTML 16Page - SMSC Corporation USB2512I Datasheet HTML 17Page - SMSC Corporation USB2512I Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
14
SMSC USB2512i
DATASHEET
4.2.1.1
Register 00h: Vendor ID (LSB)
03h
R/W
PID MSB
PIDM
25h
0x00
04h
R/W
DID LSB
DIDL
00h
0x00
05h
R/W
DID MSB
DIDM
00h
0x00
06h
R/W
Config Data Byte 1
CFG1
8Bh
0x00
07h
R/W
Config Data Byte 2
CFG2
10h
0x00
08h
R/W
Config Data Byte 3
CFG3
00h
0x00
09h
R/W
Non-Removable Devices
NRD
00h
0x00
0Ah
R/W
Port Disable (Self)
PDS
08h
0x00
0Bh
R/W
Port Disable (Bus)
PDB
08h
0x00
0Ch
R/W
Max Power (Self)
MAXPS
01h
0x00
0Dh
R/W
Max Power (Bus)
MAXPB
64h
0x00
0Eh
R/W
Hub Controller Max Current
(Self)
HCMCS
01h
0x00
0Fh
R/W
Hub Controller Max Current
(Bus)
HCMCB
64h
0x00
10h
R/W
Power-on Time
PWRT
32h
0x00
11h-F5h
R/W
Reserved
N/A
01h
0x00
F6h
R/W
Boost_Up
BOOSTUP
00h
0x00
F7h
R/W
Reserved
N/A
00h
0x00
F8h
R/W
Boost_2:0
BOOST20
00h
0x00
F9h
R/W
Reserved
N/A
00h
0x00
FAh
R/W
Port Swap
PRTSP
00h
0x00
FBh
R/W
Port Remap 12
PRTR12
00h
0x00
FC-FEh
R/W
Reserved
N/A
00h
0x00
FFh
R/W
Status/Command
Note: SMBus register only
STCD
00h
0x00
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Table 4.1 Internal Default, EEPROM and SMBus Register Memory Map (continued)
REG
ADDR
R/W
REGISTER NAME
ABBR
INTERNAL
DEFAULT ROM
SMBUS AND
EEPROM POR
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com