Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 22Page - SMSC Corporation USB2512I Datasheet HTML 23Page - SMSC Corporation USB2512I Datasheet HTML 24Page - SMSC Corporation USB2512I Datasheet HTML 25Page - SMSC Corporation USB2512I Datasheet HTML 26Page - SMSC Corporation USB2512I Datasheet HTML 27Page - SMSC Corporation USB2512I Datasheet HTML 28Page - SMSC Corporation USB2512I Datasheet HTML 29Page - SMSC Corporation USB2512I Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
26
SMSC USB2512i
DATASHEET
Figure 4.1 Block Write
Block Read
A Block Read differs from a block write in that the repeated start condition exists to satisfy the I2C
specification’s requirement for a change in the transfer direction.
Figure 4.2 Block Read
4.3.2
Invalid Protocol Response Behavior
Registers that are accessed with an invalid protocol are not updated. A register is only updated
following a valid protocol. The only valid protocols are Write Block and Read Block, which are
described above.
The Hub only responds to the hardware selected Slave Address.
Attempting to communicate with the Hub over SMBus with an invalid slave address or invalid protocol
results in no response, and the SMBus Slave Interface returns to the idle state.
The only valid registers that are accessible by the SMBus slave address are the registers defined in
the Registers Section. See Section 4.3.3 for the response to undefined registers.
4.3.3
General Call Address Response
The Hub does not respond to a general call address of 0000_000b.
4.3.4
Slave Device Time-Out
According to the SMBus Specification, V1.0 devices in a transfer can abort the transfer in progress
and release the bus when any single clock low interval exceeds 25ms (TTIMEOUT, MIN). Devices that
have detected this condition must reset their communication and be able to receive a new START
condition no later than 35ms (TTIMEOUT, MAX).
Note: Some simple devices do not contain a clock low drive circuit; this simple kind of device typically
resets its communications port after a start or stop condition. The Slave Device Time-Out must
be implemented.
1
81
S
Slave Address
Register Address
Wr
A
17
1
1
8
A
1
...
Byte Count = N
A
Data byte 1
A
Data byte 2
81
1
1
88
Data byte N
A
P
Block Write
A
Block Read
1
S
S
Slave Address
Register Address
Wr
A
17
1
1
8
A
1
Slave Address
Rd
A
71
1
81
1
1
88
P
1
81
A
A
A
A
Byte Count = N
Data byte 1
Data byte 2
Data byte N
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com