Electronic Components Datasheet Search
  English  ▼

X  

USB2512I Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 14Page - SMSC Corporation USB2512I Datasheet HTML 15Page - SMSC Corporation USB2512I Datasheet HTML 16Page - SMSC Corporation USB2512I Datasheet HTML 17Page - SMSC Corporation USB2512I Datasheet HTML 18Page - SMSC Corporation USB2512I Datasheet HTML 19Page - SMSC Corporation USB2512I Datasheet HTML 20Page - SMSC Corporation USB2512I Datasheet HTML 21Page - SMSC Corporation USB2512I Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
18
SMSC USB2512i
DATASHEET
4.2.1.9
Register 08h: Configuration Data Byte 3
4.2.1.10
Register 09h: Non-Removable Device
BIT
NUMBER
BIT NAME
DESCRIPTION
7:4
Reserved
Reserved
3
PRTMAP_EN
Port Re-mapping enable: Selects the method used by the hub to assign port
numbers and disable ports.
‘0’ = Standard Mode
‘1’ = Port Re-map mode
2:0
Reserved
Reserved
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
NR_DEVICE
Non-Removable Device: Indicates which port(s) include non-removable
devices. ‘0’ = port is removable, ‘1’ = port is non-removable.
Informs the Host if one of the active ports has a permanent device that is
undetachable from the Hub. (Note: The device must provide its own
descriptor data.)
When using the internal default option, the NON_REM[1:0] pins will
designate the appropriate ports as being non- removable.
Bit 7= Reserved, always = ‘0’
Bit 6= Reserved, always = ‘0’
Bit 5= Reserved, always = ‘0’
Bit 4= Reserved, always = ‘0’
Bit 3= Reserved, always = ‘1’
Bit 2= 1; Port 2 non-removable
Bit 1= 1; Port 1 non removable
Bit 0= Reserved, always = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com