Electronic Components Datasheet Search
  English  ▼

X  

ES9016 Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ES9016
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016 Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ES9016 Datasheet HTML 13Page - ESS Technology,Inc ES9016 Datasheet HTML 14Page - ESS Technology,Inc ES9016 Datasheet HTML 15Page - ESS Technology,Inc ES9016 Datasheet HTML 16Page - ESS Technology,Inc ES9016 Datasheet HTML 17Page - ESS Technology,Inc ES9016 Datasheet HTML 18Page - ESS Technology,Inc ES9016 Datasheet HTML 19Page - ESS Technology,Inc ES9016 Datasheet HTML 20Page - ESS Technology,Inc ES9016 Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
March 26, 2021
3.2
ES9016K2M Datasheet
17
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
Register #11: Channel Mapping
8 bit, Read-Write Register, Default = 0x02
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved *
spdif_sel
ch2_analog_swap
ch1_analog_swap
ch2_sel
ch1_sel
Default
0
0
0
0
0
0
1
0
Bit
Mnemonic
Description
[7]
reserved *
[6:4]
spdif_sel
select the spdif data source
3’d0 = DATA_CLK (default)
3’d1 = DATA2
3’d2 = DATA1
3’d3 = GPIO1
3’d4-7: reserved
[3]
ch2_analog_swap
1'b0 = normal operation (default)
1'b1 = swap dac and dacb
[2]
ch1_analog_swap
1'b0 = normal operation (default)
1'b1 = swap dac and dacb
[1]
ch2_sel
1'b0 = left
1'b1 = right (default)
[0]
ch1_sel
1'b0 = left (default)
1'b1 = right
* All Reserved Bits in Register #11 must be set to the indicated logic level to ensure correct device operation.
Left and Right channels can be reversed using Register #11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com