Electronic Components Datasheet Search
  English  ▼

X  

ES9016 Datasheet(PDF) 26 Page - ESS Technology,Inc

Part # ES9016
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016 Datasheet(HTML) 26 Page - ESS Technology,Inc

Back Button ES9016 Datasheet HTML 22Page - ESS Technology,Inc ES9016 Datasheet HTML 23Page - ESS Technology,Inc ES9016 Datasheet HTML 24Page - ESS Technology,Inc ES9016 Datasheet HTML 25Page - ESS Technology,Inc ES9016 Datasheet HTML 26Page - ESS Technology,Inc ES9016 Datasheet HTML 27Page - ESS Technology,Inc ES9016 Datasheet HTML 28Page - ESS Technology,Inc ES9016 Datasheet HTML 29Page - ESS Technology,Inc ES9016 Datasheet HTML 30Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
3.2
March 26, 2021
ES9016K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
26
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Storage temperature
–65
C to +105C
Voltage range for digital input pins
–0.3V to DVCC+ 0.3V
ESD Protection
Human Body Model (HBM)
Machine Model (MM)
2000V
200V
WARNING:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure
to absolute
–maximum–rated conditions for extended periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
Operating temperature
TA
–20
C to +70C
Power Supply
Voltage
Current nominal
(Note 1)
Current standby
(Notes 1, 2)
Digital Power Supply Voltage
DVCC
+1.8V
 5%
+3.3V
 5%
13.0mA
14.2mA
0mA
0mA
Internal Digital Core supply
DVDD
+1.2V (typical)
External Digital Core Supply
DVDD
+1.3V
 5% (Note 3)
50mA
Analog Core Supply Voltage
VCCA (Note 4)
+3.3V
 5%
+1.8V
 5%
0.8mA
0mA
Analog Power Supply Voltage
AVCCDAC (Note 4)
+3.3V
 5%
+1.8V
 5%
8.0mA
0mA
Total Power
DVCC = +1.8V
DVCC = +3.3V
≤ 36mW
≤ 59mW
< 1mW
< 1mW
Notes:
(1) fs = 44.1kHz, external MCLK = 22MHz, I2S input, DAC output connected to current-to-voltage converter, internal DVDD, all external
supply voltages at nominal center values
(2) With RESETB held low after setting the soft_start bit in register 14 to 1’b0 to fully ramp the DAC outputs to ground
(3) Internal DVDD should be used except under the conditions described on page 7. External DVDD current measured at 192kHz sample rate
and MCLK = 80MHz.
(4) For correct operation, VCCA
≥ AVCCDAC.
DC ELECTRICAL CHARACTERISTICS
Symbol Parameter
Minimum
Maximum
Unit
Comments
VIH
High-level input voltage
DVCC / 2 + 0.4
V
VIL
Low-level input voltage
0.4
V
VOH
High-level output voltage
DVCC – 0.2
V
IOH = 100
A
VOL
Low-level output voltage
0.2
V
IOL = 100
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com