Electronic Components Datasheet Search
  English  ▼

X  

ES9016 Datasheet(PDF) 34 Page - ESS Technology,Inc

Part # ES9016
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016 Datasheet(HTML) 34 Page - ESS Technology,Inc

Back Button ES9016 Datasheet HTML 30Page - ESS Technology,Inc ES9016 Datasheet HTML 31Page - ESS Technology,Inc ES9016 Datasheet HTML 32Page - ESS Technology,Inc ES9016 Datasheet HTML 33Page - ESS Technology,Inc ES9016 Datasheet HTML 34Page - ESS Technology,Inc ES9016 Datasheet HTML 35Page - ESS Technology,Inc ES9016 Datasheet HTML 36Page - ESS Technology,Inc ES9016 Datasheet HTML 37Page - ESS Technology,Inc ES9016 Datasheet HTML 38Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
3.2
March 26, 2021
ES9016K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
34
Example 28-Pin QFN Land Pattern
Notes:
1.
All dimensions are in millimeters.
2.
Thermal vias should be 0.3mm to 0.33mm in diameter, with the barrel plated to 1oz copper.
3.
For maximum solder mask in the corners, round the inner corners of each row.
4.
Exposed pad should be solder mask defined.
5.
Pad width can be reduced to 0.25mm if additional pad to pad clearance is required.
6.
For applications where solder loss through vias is a concern, plugging or tenting of the vias should be used. The
solder mask diameter for each via should be 0.1mm larger than the via diameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com