Electronic Components Datasheet Search
  English  ▼

X  

ES9016 Datasheet(PDF) 18 Page - ESS Technology,Inc

Part # ES9016
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016 Datasheet(HTML) 18 Page - ESS Technology,Inc

Back Button ES9016 Datasheet HTML 14Page - ESS Technology,Inc ES9016 Datasheet HTML 15Page - ESS Technology,Inc ES9016 Datasheet HTML 16Page - ESS Technology,Inc ES9016 Datasheet HTML 17Page - ESS Technology,Inc ES9016 Datasheet HTML 18Page - ESS Technology,Inc ES9016 Datasheet HTML 19Page - ESS Technology,Inc ES9016 Datasheet HTML 20Page - ESS Technology,Inc ES9016 Datasheet HTML 21Page - ESS Technology,Inc ES9016 Datasheet HTML 22Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
3.2
March 26, 2021
ES9016K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
18
Register #12: DPLL/ASRC Settings
8 bit, Read-Write Register, Default = 0x5A
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
dpll_bw_i2s
dpll_bw_dsd
Default
0
1
0
1
1
0
1
0
Bit
Mnemonic
Description
[7:4]
dpll_bw_i2s
DPLL bandwidth setting for I2S and SPDIF modes (16 settings)
4’b0000 : OFF
4’b0001 : Lowest Bandwidth
4’b0101 : (default)
4’b1010 :
4’b1111 : Highest Bandwidth
[3:0]
dpll_bw_dsd
DPLL bandwidth setting for DSD mode (16 settings)
4’b0000 : OFF
4’b0001 : Lowest Bandwidth
4’b0101 :
4’b1010 : (default)
4’b1111 : Highest Bandwidth
Register #13: THD Compensation
8 bit, Read-Write Register, Default = 0x40
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved *
bypass_thd
reserved *
Default
0
1
0
0
0
0
0
0
Bit
Mnemonic
Description
[7]
reserved *
[6]
bypass_thd
1’b0: enable THD compensation
•
output = input + (input2) x thd_comp_c2 + (input3) x thd_comp_c3
•
thd_comp_c2 is stored in registers 23-22 (16 bits signed) (register 23 stores MSBs)
•
thd_comp_c3 is stored in registers 25-24 (16 bits signed) (register 25 stores MSBs)
1’b1: disable THD compensation (default)
•
PCM mode: output = input; DSD mode: output = input / 2
[5:0]
reserved
* All Reserved Bits in Register #13 must be set to the indicated logic level to ensure correct device operation.
THD compensation can be used to reduce the 2nd and 3rd harmonic distortion introduced by external output drivers.
A system level tuning is required to arrive at the optimum coefficients for thd_comp_c2 and thd_comp_c3.
Notes:
•
To get the same gain (output = input) for PCM and DSD modes without THD compensation, bypass_thd should be set to
1’b0 with thd_comp_c2 and thd_comp_c3 set to 16’d0 (default)
•
Erroneous compensation can lead to higher distortion than the one without compensation. If accurate tuning cannot be
performed, thd_comp_c2 and thd_comp_c3 should be set to 16’d0 (default) if bypass_thd is set to 1’b0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com