Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5232 Datasheet HTML 1Page - Texas Instruments ADS5232 Datasheet HTML 2Page - Texas Instruments ADS5232 Datasheet HTML 3Page - Texas Instruments ADS5232 Datasheet HTML 4Page - Texas Instruments ADS5232 Datasheet HTML 5Page - Texas Instruments ADS5232 Datasheet HTML 6Page - Texas Instruments ADS5232 Datasheet HTML 7Page - Texas Instruments ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS5232IPAG
Tray, 160
ADS5232
TQFP-64
PAG
–40°C to +85°C
ADS5232IPAG
ADS5232IPAGT
Tape and Reel, 250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
Supply Voltage Range, AVDD
–0.3V to +3.8V
Supply Voltage Range, VDRV
–0.3V to +3.8V
Voltage Between AVDD and VDRV
–0.3V to +0.3V
Voltage Applied to External REF Pins
–0.3V to +2.4V
Analog Input Pins(2)
–0.3V to min [3.3V, (AVDD + 0.3V)]
Case Temperature
+100°C
Operating Free-Air Temperature Range, TA
–40°C to +85°C
Lead Temperature
+260°C
Junction Temperature
+105°C
Storage Temperature
–65°C +150°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
(2)
The DC voltage applied on the input pins should not go below –0.3V. Also, the DC voltage should be limited to the lower of either 3.3V
or (AVDD + 0.3V). If the input can go higher than +3.3V, then a resistor greater than or equal to 25
Ω should be added in series with
each of the input pins. Also, the duty cycle of the overshoot beyond +3.3V should be limited. The overshoot duty cycle can be defined
either as a percentage of the time of overshoot over a clock period, or over the entire device lifetime. For a peak voltage between +3.3V
and +3.5V, a duty cycle up to 10% is acceptable. For a peak voltage between +3.5V and +3.7V, the overshoot duty cycle should not
exceed 1%. Any overshoot beyond +3.7V should be restricted to less than 0.1% duty cycle, and never exceed +3.9V.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com