Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 7Page - Texas Instruments ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments ADS5232 Datasheet HTML 10Page - Texas Instruments ADS5232 Datasheet HTML 11Page - Texas Instruments ADS5232 Datasheet HTML 12Page - Texas Instruments ADS5232 Datasheet HTML 13Page - Texas Instruments ADS5232 Datasheet HTML 14Page - Texas Instruments ADS5232 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
RECOMMENDED POWER-UP SEQUENCING
t
1
t
3
t
5
t
6
t
4
t
7
t
8
t
2
AVDD (3V to 3.6V)
VDRV (3V to 3.6V)
Device Ready
For ADC Operation
Device Ready
For ADC Operation
Device Ready
For Serial Register Write
Start of Clock
AVDD
VDRV
SEL
SEN
CLK
NOTE: 10
µs < t
1 < 50ms; 10µs < t2 < 50ms; −10ms < t3 < 10ms; t4 > 10ms; t5 > 100ns; t6 > 100ns; t7 > 10ms; and t8 > 100µs.
STPD
Device Fully
Powers Down
Device Fully
Powers Up
500
µs
1
µs
NOTE: The shown power−up time is based on 1
µF bypass capacitors on the reference pins.
See the Theory of Operation section for details.
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
Shown for the case where the serial interface is used.
POWER-DOWN TIMING
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com