Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 4Page - Texas Instruments ADS5232 Datasheet HTML 5Page - Texas Instruments ADS5232 Datasheet HTML 6Page - Texas Instruments ADS5232 Datasheet HTML 7Page - Texas Instruments ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments ADS5232 Datasheet HTML 10Page - Texas Instruments ADS5232 Datasheet HTML 11Page - Texas Instruments ADS5232 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
TIMING CHARACTERISTICS (continued)
Typical values at T
A = +25°C, AVDD = VDRV = 3.3V, sampling rate and PLL state are as indicated, input clock at 50% duty
cycle, and total capacitive loading = 10pF, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNITS
50MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
3.2
4.5
ns
t2 Data Hold Time
10
11
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3
ns
Data Valid (DV) Duty Cycle
30
40
55
%
tDV Input Clock Rising to DV Fall Edge
11.5
13.5
15.5
ns
40MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
3.7
5.5
ns
t2 Data Hold Time
11.5
13.5
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3
ns
Data Valid (DV) Duty Cycle
30
40
55
%
tDV Input Clock Rising to DV Fall Edge
13.5
16
18.5
ns
30MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
8
10
ns
t2 Data Hold Time
14
19
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
16
19
21
ns
20MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
10
12
ns
t2 Data Hold Time
20
25
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
20
25
30
ns
20MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
10
12
ns
t2 Data Hold Time
20
25
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
20
25
30
ns
2MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
150
200
ns
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com