Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments ADS5232 Datasheet HTML 10Page - Texas Instruments ADS5232 Datasheet HTML 11Page - Texas Instruments ADS5232 Datasheet HTML 12Page - Texas Instruments ADS5232 Datasheet HTML 13Page - Texas Instruments ADS5232 Datasheet HTML 14Page - Texas Instruments ADS5232 Datasheet HTML 15Page - Texas Instruments ADS5232 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
PIN CONFIGURATION
Top View
TQFP
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AGND
AGND
AV
DD
STPD/SDATA
GND
VDRV
OE
A/SCLK
MSBI/SEN
VDRV
OVR
A
D11_A (MSB)
D10_A
D9_A
D8_A
D7_A
D6_A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SEL
AGND
AV
DD
GND
VDRV
OE
B
GND
VDRV
OVR
B
D0_B (LSB)
D1_B
D2_B
D3_B
D4_B
D5_B
D6_B
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
ADS5232
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
PIN DESCRIPTIONS
NAME
PIN #
I/O
DESCRIPTION
AGND
2, 47–49, 55, 58, 59, 61, 64
Analog Ground
AVDD
3, 46, 57
Analog Supply
CLK
24
I
Clock Input
CM
52
O
Common-Mode Voltage Output
D0_A (LSB)
27
O
Data Bit 12 (D0), Channel A
D1_A
28
O
Data Bit 11 (D1), Channel A
D2_A
29
O
Data Bit 10 (D2), Channel A
D3_A
30
O
Data Bit 9 (D3), Channel A
D4_A
31
O
Data Bit 8 (D4), Channel A
D5_A
32
O
Data Bit 7 (D5), Channel A
D6_A
33
O
Data Bit 6 (D6), Channel A
D7_A
34
O
Data Bit 5 (D7), Channel A
D8_A
35
O
Data Bit 4 (D8), Channel A
D9_A
36
O
Data Bit 3 (D9), Channel A
D10_A
37
O
Data Bit 2 (D10), Channel A
D11_A (MSB)
38
O
Data Bit 1 (D11), Channel A
D0_B (LSB)
10
O
Data Bit 12 (D0), Channel B
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com