Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5232 Datasheet HTML 1Page - Texas Instruments ADS5232 Datasheet HTML 2Page - Texas Instruments ADS5232 Datasheet HTML 3Page - Texas Instruments ADS5232 Datasheet HTML 4Page - Texas Instruments ADS5232 Datasheet HTML 5Page - Texas Instruments ADS5232 Datasheet HTML 6Page - Texas Instruments ADS5232 Datasheet HTML 7Page - Texas Instruments ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, VDRV = 3.3V, transformer-coupled inputs, –1dBFS, I
SET = 56.2kΩ, and internal voltage reference, unless
otherwise noted.
ADS5232
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
No Missing Codes
Tested
DNL Differential Nonlinearity
fIN = 5MHz
–0.9
±0.3
+0.9
LSB
INL Integral Nonlinearity
fIN = 5MHz
–2.5
±0.4
+2.5
LSB
Offset Error(1)
–0.75
±0.2
+0.75
%FS
Offset Temperature Coefficient(2)
±6
ppm/°C
Fixed Attenuation in Channel(3)
1
%FS
Fixed Attenuation Matching Across Channels
0.01
0.2
dB
Gain Error/Reference Error(4)
–3.5
±1.0
+3.5
% FS
Gain Error Temperature Coefficient
±40
ppm/°C
POWER REQUIREMENTS(5)
Internal Reference
Power Dissipation(5)
Analog Only (AVDD)
260
297
mW
Output Driver (VDRV)
111
142
mW
Total Power Dissipation
371
439
mW
External Reference
Power Dissipation
Analog Only (AVDD)
224
mW
Output Driver (VDRV)
111
mW
Total Power Dissipation
335
mW
VREFT
1.875
2
2.05
mW
VREFB
0.95
1
1.125
mW
Total Power-Down
88
mW
REFERENCE VOLTAGES
VREFT Reference Top (internal)
1.9
2.0
2.1
V
VREFB Reference Bottom (internal)
0.9
1.0
1.1
V
VCM Common-Mode Voltage
1.4
1.5
1.6
V
VCM Output Current(6)
±50mV Change in Voltage
±2
mA
VREFT Reference Top (external)
1.875
V
VREFB Reference Bottom (external)
1.125
V
External Reference Common-Mode
VCM ± 50mV
V
External Reference Input Current(7)
1.0
mA
(1)
Offset error is the deviation of the average code from mid-code with –1dBFS sinusoid from ideal mid-code (2048). Offset error is
expressed in terms of % of full-scale.
(2)
If the offset at temperatures T1 and T2 are O1 and O2, respectively (where O1 and O2 are measured in LSBs), the offset temperature
coefficient in ppm/°C is calculated as (O1 – O2)/(T1 – T2) × 1E6/4096.
(3)
Fixed attenuation in the channel arises because of a fixed attenuation in the sample-and-hold amplifier. When the differential voltage at
the analog input pins is changed from –VREF to +VREF, the swing of the output code is expected to deviate from the full-scale code
(4096LSB) by the extent of this fixed attenuation. NOTE: VREF is defined as (REFT – REFB).
(4)
The reference voltages are trimmed at production so that (VREFT – VREFB) is within ± 35mV of the ideal value of 1V. This specification
does not include fixed attenuation.
(5)
Supply current can be calculated from dividing the power dissipation by the supply voltage of 3.3V.
(6)
The VCM output current specified is the drive of the VCM buffer if loaded externally.
(7)
Average current drawn from the reference pins in the external reference mode.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com