Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 20Page - Texas Instruments ADS5232 Datasheet HTML 21Page - Texas Instruments ADS5232 Datasheet HTML 22Page - Texas Instruments ADS5232 Datasheet HTML 23Page - Texas Instruments ADS5232 Datasheet HTML 24Page - Texas Instruments ADS5232 Datasheet HTML 25Page - Texas Instruments ADS5232 Datasheet HTML 26Page - Texas Instruments ADS5232 Datasheet HTML 27Page - Texas Instruments ADS5232 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.ti.com
LAYOUT AND DECOUPLING
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
output buffer supply pins, VDRV. In order to minimize
CONSIDERATIONS
the lead and trace inductance, the capacitors should
be located as close to the supply pins as possible.
Proper grounding and bypassing, short lead length,
Where double-sided component mounting is allowed,
and the use of ground planes are particularly
they are best placed directly under the package. In
important for high frequency designs. Achieving
addition, larger bipolar decoupling capacitors (2.2
µF
optimum performance with a fast sampling converter
to 10
µF), effective at lower frequencies, may also be
such as the ADS5232 requires careful attention to the
used on the main supply pins. They can be placed on
printed circuit board (PCB) layout to minimize the
the PCB in proximity (< 0.5") to the ADC.
effects of board parasitics and to optimize component
placement. A multilayer board usually ensures best
If the analog inputs to the ADS5232 are driven
results and allows convenient component placement.
differentially, it is especially important to optimize
towards a highly symmetrical layout. Small trace
The ADS5232 should be treated as an analog
length
differences
may
create
phase
shifts,
component and the supply pins connected to clean
compromising a good distortion performance. For this
analog supplies. This layout ensures the most
reason, the use of two single op amps rather than
consistent performance results, since digital supplies
one dual amplifier enables a more symmetrical layout
often carry a high level of switching noise, which
and a better match of parasitic capacitances. The pin
could couple into the converter and degrade device
orientation of the ADS5232 quad-flat package follows
performance. As mentioned previously, the output
a flow-through design, with the analog inputs located
buffer supply pins (VDRV) should also be connected
on one side of the package while the digital outputs
to a low-noise supply. Supplies of adjacent digital
are located on the opposite side. This design
circuits may carry substantial current transients. The
provides a good physical isolation between the
supply voltage should be filtered before connecting to
analog and digital connections. While designing the
the VDRV pin of the converter. All ground pins should
layout, it is important to keep the analog signal traces
directly connect to an analog ground.
separated from any digital lines to prevent noise
coupling onto the analog portion.
Because
of
its
high
sampling
frequency,
the
ADS5232 generates high frequency current transients
Single-ended clock lines must be short and should
and noise (clock feed-through) that are fed back into
not cross any other signal traces.
the supply and reference lines. If not sufficiently
bypassed, this feed-through adds noise to the
Short circuit traces on the digital outputs will minimize
conversion process. All AVDD pins may be bypassed
capacitive loading. Trace length should be kept short
with 0.1
µF ceramic chip capacitors (size 0603, or
to the receiving gate (< 2") with only one CMOS gate
smaller). A similar approach may be used on the
connected to one digital output.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com