Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 3Page - Texas Instruments ADS5232 Datasheet HTML 4Page - Texas Instruments ADS5232 Datasheet HTML 5Page - Texas Instruments ADS5232 Datasheet HTML 6Page - Texas Instruments ADS5232 Datasheet HTML 7Page - Texas Instruments ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments ADS5232 Datasheet HTML 10Page - Texas Instruments ADS5232 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
Analog
Input
CLK
DATA[D11:D0]
DV
OE
DATA
D11:D0
t
OE
t
OE
t
DV
t
1
t
2
t
C
t
A
N + 1
N + 2
N + 4
N + 3
N
TIMING CHARACTERISTICS
(1)
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
TIMING DIAGRAM
Typical values at T
A = +25°C, AVDD = VDRV = 3.3V, sampling rate and PLL state are as indicated, input clock at 50% duty
cycle, and total capacitive loading = 10pF, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNITS
65MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time(2)
2
3.2
ns
t2 Data Hold Time(3)
6.3
8.5
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time(4)
0.5
2
3
ns
Data Valid (DV) Duty Cycle
30
40
55
%
tDV Input Clock Rising to DV Fall Edge
10
11.5
14
ns
(1)
Specifications assured by design and characterization; not production tested.
(2)
Measured from data becoming valid (at a high level = 2.0V and a low level = 0.8V) to the 50% point of the falling edge of DV.
(3)
Measured from the 50% point of the falling edge of DV to the data becoming invalid.
(4)
Measured between 20% to 80% of logic levels.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com