Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5232 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 17Page - Texas Instruments ADS5232 Datasheet HTML 18Page - Texas Instruments ADS5232 Datasheet HTML 19Page - Texas Instruments ADS5232 Datasheet HTML 20Page - Texas Instruments ADS5232 Datasheet HTML 21Page - Texas Instruments ADS5232 Datasheet HTML 22Page - Texas Instruments ADS5232 Datasheet HTML 23Page - Texas Instruments ADS5232 Datasheet HTML 24Page - Texas Instruments ADS5232 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.ti.com
External Reference
SNR + 20LOG10
1
2p f
IN t JA
(1)
PLL CONTROL
OUTPUT INFORMATION
CLOCK INPUT
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
dominant in maintaining a good signal-to-noise ratio
(SNR).
This
condition
is
particularly
critical
in
The ADS5232 also supports the use of external
IF-sampling applications; for example, where the
reference voltages. External reference voltage mode
sampling frequency is lower than the input frequency
involves applying an external top reference at REFT
(under-sampling). The following equation can be used
(pin 53) and a bottom reference at REFB (pin 54).
to calculate the achievable SNR for a given input
Setting the ADS5232 for external reference mode
frequency and clock jitter (tJA in psRMS):
also requires taking the INT/EXT pin low. In this
mode, the internal reference buffer is tri-stated. Since
the switching current for the two ADC channels
comes from the externally-forced references, it is
The ADS5232 will enter into a power-down mode if
possible for the device performance to be slightly
the sampling clock rate drops below a limit of
lower than when the internal references are used. It
approximately
2MSPS.
If
the
sampling
rate
is
should be noted that in external reference mode, VCM
increased above this threshold, the ADS5232 will
and ISET continue to be generated from the internal
automatically resume normal operation.
bandgap voltage, as they are in the internal reference
mode. Therefore, it is important to ensure that the
common-mode
voltage
of
the
externally-forced
reference voltages matches to within 50mV of VCM
The ADS5232 has an internal PLL that is enabled by
(+1.5VDC).
default. The PLL enables a wide range of clock duty
cycles. Good performance is obtained for duty cycles
The external reference circuit must be designed to
up to 40%–60%, though the ensured electrical
drive the internal reference impedance seen between
specifications presume that the duty cycle is between
the REFT and REFB pins. To establish the drive
45%–55%. The PLL automatically limits the minimum
requirements, consider that the external reference
frequency of operation to 20MSPS. For operation
circuit needs to supply an average switching current
below 20MSPS, the
PLL
can
be
disabled
by
of at least 1mA. This dynamic switching current
programming the internal registers through the serial
depends on the actual device sampling rate and the
interface. With the PLL disabled, the clock speed can
signal level. The external reference voltages can vary
go down to 2MSPS. With the PLL disabled, the clock
as long as the value of the external top reference
duty cycle needs to be constrained closer to 50%.
stays within the range of +1.875V to +2.0V, and the
external bottom reference stays within +1.0V to
+1.125V. Consequently, the full-scale input range can
be set between 1.5VPP and 2VPP (FSR = 2x [REFT –
The ADS5232 provides two channels with 12 data
REFB] ).
outputs (D11 to D0, with D11 being the MSB and D0
the LSB), data-valid outputs (DVA, DVB, pin 26 and
pin 22, respectively), and individual out-of-range
indicator output pins (OVRA/OVRB, pin 39 and pin 9,
The ADS5232 requires a single-ended clock source.
respectively).
The clock input, CLK, represents a CMOS-compatible
logic input with an input impedance of about 5pF. For
The output circuitry of the ADS5232 has been
high input frequency sampling, it is recommended to
designed
to
minimize
the
noise
produced
by
use a clock source with very low jitter. A low-jitter
transients of the data switching, and in particular its
clock is essential in order to preserve the excellent ac
coupling to the ADC analog circuitry.
performance of the ADS5232. The converter itself is
specified for a low 1.0ps (rms) jitter. Generally, as the
input frequency increases, clock jitter becomes more
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com