Electronic Components Datasheet Search
  English  ▼

X  

LM2695 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2695
Description  LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2695 Datasheet(HTML) 2 Page - Texas Instruments

  LM2695 Datasheet HTML 1Page - Texas Instruments LM2695 Datasheet HTML 2Page - Texas Instruments LM2695 Datasheet HTML 3Page - Texas Instruments LM2695 Datasheet HTML 4Page - Texas Instruments LM2695 Datasheet HTML 5Page - Texas Instruments LM2695 Datasheet HTML 6Page - Texas Instruments LM2695 Datasheet HTML 7Page - Texas Instruments LM2695 Datasheet HTML 8Page - Texas Instruments LM2695 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SW
BST
NC
NC
NC
NC
RTN
FB
SS
11
10
9
5
4
3
2
1
6
7
8
12
13
14
VCC
VIN
RON/SD
SGND
ISEN
SW
BST
RTN
VCC
FB
SS
VIN
10
9
8
7
6
5
4
3
2
1
RON/SD
SGND
ISEN
LM2695
SNVS413A – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 14-Lead HTSSOP (Top View)
Figure 2. 10-Lead WSON (Top View)
See PWP0014A Package
See DPR0010A Package
PIN DESCRIPTIONS
Pin Number
Name
Description
Application Information
WSON-10
HTSSOP-14
1
2
SW
Switching Node
Internally connected to the buck switch source.
Connect to the inductor, free-wheeling diode, and
bootstrap capacitor.
2
3
BST
Boost pin for bootstrap capacitor
Connect a 0.022 µF capacitor from SW to this pin.
The capacitor is charged from VCC via an internal
diode during each off-time.
3
4
ISEN
Current sense
The re-circulating current flows through the internal
sense resistor, and out of this pin to the free-wheeling
diode. Current limit is nominally set at 1.25A.
4
5
SGND
Sense Ground
Re-circulating current flows into this pin to the current
sense resistor.
5
6
RTN
Circuit Ground
Ground for all internal circuitry other than the current
limit detection.
6
9
FB
Feedback input from the regulated
Internally connected to the regulation and over-
output
voltage comparators. The regulation level is 2.5V.
7
10
SS
Softstart
An internal 12.3 µA current source charges an
external capacitor to 2.5V, providing the softstart
function.
8
11
RON/SD
On-time control and shutdown
An external resistor from VIN to this pin sets the buck
switch on-time. Grounding this pin shuts down the
regulator.
9
12
VCC
Output from the startup regulator
Nominally regulates at 7.0V. An external voltage (8V-
14V) can be applied to this pin to reduce internal
dissipation. An internal diode connects VCC to VIN.
10
13
VIN
Input supply voltage
Nominal input range is 8.0V to 30V.
1,7,8,14
NC
No connection.
No internal connection.
EP
Exposed Pad
Exposed metal pad on the underside of the device. It
is recommended to connect this pad to the PC board
ground plane to aid in heat dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com